Part Number Hot Search : 
39SF020 GBU808 MC79XXCT SFH221 SBL2030C CA3162AE CM250C TLP4227G
Product Description
Full Text Search
 

To Download A42-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
A42
TRANSISTORNPN (c) TO 92
FEATURES Power dissipation PCM : 0.625 W Tamb=25ae(c) Collector current ICM : 0.5 A Collector-base voltage V(BR)CBO : 300 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(c) 1 DC current gain hFE(c) 2 HFE(c) 3 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency VCE(sat) VBE(sat)
1.EMITTER
2.BASE
3.COLLECTOR
123
unless
Test
otherwise
MIN
specified(c)
TYP MAX UNIT V V V 0.25 0.1 |I A |I A
conditions
Ic= 100|I AIE=0 Ic= IE= 1 mAIB=0 100|I AIC=0 IE=0 V IC=0
300 300 5
VCB= 200 V VEB= 5
VCE= 10 V, IC= 1 mA VCE= 10V, IC = 10 mA VCE= 10 V, IC=30 mA IC= 20 mA, IB= 2 mA IC= 20m A, VCE=20 V, IB= 2 mA I = 10 mA C
60 80 75 0.2 0.9 50 V V MHz 250
fT
f =30MHz
CLASSIFICATION OF h FE(2)
Rank Range A 80-100 B1 100-150 B2 150-200 C 200-250
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of A42-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X